Part Number Hot Search : 
KBJ10D 300BZ 66TQC N80C51BH GC10212R KA7630 15P10GH 1ATETR
Product Description
Full Text Search
 

To Download LM267X-L34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thru-Hole Power Inductor
ELECTRONICS INC.
EPI AC1 Series
* Optimized for National's LM267X & LM259X Series * Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications * 150 KHz & 260 KHz Switching Frequency * Low Cost Inductor
Primary Specification
Part Number EPI100452AC1 EPI150352AC1 EPI150352AC1 National Semiconductor Chip LM267X-L45 LM267X-L34 LM259X-L34 Induct. (H 15%) @ 0 Adc 13.5 20.0 20.0 DCR ( Typ.) 0.022 0.035 0.035 Induct. (H 10%) @ Idc 10 15 15 Idc (mA) 4500 3500 3500 Core Loss @ Vt1 @ Vt2 (mW) (mW) ----55 55 55 --Vt1 (V-Sec) 150 KHz ----12.7 Vt2 (V-Sec) 260 KHz 7.2 8.7 --Temp.Rise @ Vt1 @ Vt2 C (Typ.) C (Typ.) 45 --43 ----43
For no header version : add "V" for Vertical Mount and add "H" for Horizonal Mount
Applications
Unregulated DC Input Feedback +Vin Regulated Output Load + Cout On/Off Gnd CB Vin 8V-40V + Cin FB
LM259X
Vsw
Output D1 1N5822
LX H
LM267X
Vsw
10nF
LX H +
Vout Cout
Cin
+
D1
Gnd
On/Off
Package AC1V
Pad Layout .185 (4.70) .060 O (1.52) .580 Max. (14.99)
Package AC1
Pad Layout .060 O (1.52) .220 (5.59)
Package AC1H
.550 Max. (13.97)
.250 Max. (6.35) .550 Max. (13.97)
.360 9.14)
.375 .125 (9.53 3.18) .465 (11.81) Pad Layout .550 Max. (13.97) .465 (11.81)
.715 Max. (18.16) .375 .125 (9.53 3.18) .185 (4.70) .290 (7.37) .110/.150 (2.79/3.81) .220 (5.59)
.060 O (1.52)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXAC1 Rev. 3 2/22/05
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of LM267X-L34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X